Part Number Hot Search : 
BCY79B NSF20712 C475M9RA 48RA0A T24C02C 12N60 D1024 NCV4276
Product Description
Full Text Search
 

To Download PIC1036HU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p i c 1 0 3 6 h u r 5 6 m n -   (a) (d) (b) (e) 1. part no. expression : (b) dimension code (c) type code (a) series code 2. configuration & dimensions : a superworld electronics (s) pte ltd 3. schematic : (e) tolerance code : m = 20% (f) f : rohs compliant pg. 1 10.0 0.3 bc 3.4 0.2 d 3.0 0.3 e unit:m/m 14.3 0.3 1.2 0.2 h) part temperature (ambient+temp. rise) : should not exceed 125 c under worst case operating conditions. f) heat rated current (irms) : will cause the coil temp. rise approximately ? t of 40c (keep 1min.) g) saturation current (isat) : will c ause l0 to drop 20% typical. (keep quickly) 5. general specification : d) storage temp. : -40 c to +125 c c) operating temp. : -40 c to +125 c e) humidity range : 50 ~ 60% rh (product without taping) b) ambient temp. : 25 c a) test freq. : l : 100khz/1v (c) (f) (g) 11 ~ 99 : internal controlled number r56 a b c 4. materials : f 0~1.1 f 11.03.2011 note : specifications subject to change without notice. please check our website for latest information. yyww (a) core : magnetic metal powder or equivalent (b) wire : polyester wire or equivalent (c) solder plating : 100% pb free solder (d) ink : halogen-free ketone a c b d (d) inductance code : r56 = 0.56uh (g) date code e b d g 2.2 0.2 g molded power choke coil PIC1036HU series hf halogen free
superworld electronics (s) pte ltd pg. 2 6. electrical characteristics : inductance l part no. 0 ( h ) 20% @ 0 a dcr typ. @ 25 c ( m  ) irms ( a ) ( a ) isat typ. typ. 7. characteristics curves : dcr ( m  ) max. @ 25 c 11.03.2011 PIC1036HUr22mn- 0.22 1.22 31.5 58 1.32 PIC1036HUr33mn- 0.33 0.9 28 50.5 1.20 PIC1036HUr47mn- 0.47 1.8 24 42 2.4 PIC1036HUr68mn- 0.68 3.0 20 36 3.32 PIC1036HU1r0mn- 1.00 3.45 18.5 34 3.74 note : specifications subject to change without notice. please check our website for latest information. PIC1036HU1r5mn- 1.50 6.41 15 27 5.84 PIC1036HU4r7mn- 4.70 21.8 7.5 13.5 23.5 PIC1036HU3r3mn- 3.30 14.4 9 16.5 15.5 PIC1036HUr56mn- 0.56 2.4 21.5 39 2.82 molded power choke coil PIC1036HU series 0 9.5 19 28.5 38 47.5 57 dc current(a) 0 0.1 0.2 0.3 0.4 inductance (uh) 0 20 40 60 80 100 120 temp. rise( o c) t mpc1036hu-r22 PIC1036HUr22mn 0 10.1 20.2 30.3 40.4 50.5 dc curre nt (a) 0 0.2 0.4 0.6 0.8 induct ance (uh) 0 20 40 60 80 100 temp. rise( o c) tmpc1036hu-r33 PIC1036HUr33mn hf halogen free
superworld electronics (s) pte ltd pg. 3 11.03.2011 7. characteristics curves : molded power choke coil PIC1036HU series note : specifications subject to change without notice. please check our website for latest information. 0 6 12 18 24 30 36 42 dc current (a) 0 0.2 0.4 0.6 0.8 1 inductance (uh) 0 30 60 90 120 temp. rise( o c) tmpc1036h u-r47 PIC1036HUr47mn 0 6.5 13 19.5 26 32.5 39 dc current(a) 0 0.3 0.6 0.9 1.2 1.5 induct ance (uh) 0 20 40 60 80 100 temp. rise( o c) tmpc1036hu-r56 PIC1036HUr56mn 0 9 18 27 36 dc current (a) 0 0.3 0.6 0.9 1.2 1.5 inductance (uh) 0 20 40 60 80 100 temp. rise( o c) tmpc1036h u-r68 PIC1036HUr68mn 0 6.8 13.6 20.4 27.2 34 dc current(a) 0 0.3 0.6 0.9 1.2 1.5 induct ance (uh) 0 30 60 90 120 150 temp. rise( o c) tmpc1036hu-1r0 PIC1036HU1r0mn 0 5.4 10.8 16.2 21.6 27 dc current(a) 0 0.5 1 1.5 2 2.5 3 induct ance (uh) 0 20 40 60 80 100 temp. rise( o c) tmpc1036hu-1r5 PIC1036HU1r5mn 048121620 dc current(a) 0 1 2 3 4 5 6 inductance (uh) 0 30 60 90 120 150 temp. rise( o c) tmpc1036hu-3r3 PIC1036HU3r3mn hf halogen free
superworld electronics (s) pte ltd pg. 4 11.03.2011 7. characteristics curves : note : specifications subject to change without notice. please check our website for latest information. molded power choke coil PIC1036HU series 0 3 6 9 12 15 18 dc current(a) 0 2 4 6 8 inductance (uh) 0 30 60 90 120 150 temp. rise( o c) tmpc1036hu-4r7 PIC1036HU4r7mn hf halogen free
pg. 5 superworld electronics (s) pte ltd 8. reliability and test condition 11.03.2011 note : specifications subject to change without notice. please check our website for latest information. humidity resistance thermal shock temperature test reliability test measure at room temperature after placing for 2 to 3 hrs. humidity : 85 3% rh time : 1000 12hrs temperature : 85 2 c 3 2 1 total : 300 cycles step conditions of 1 cycle. room temperature +125+2/-0 -40+0/-2 15 1 15 1 temperature ( c) times (min.) measured at room temperature after placing for 2 to 3hrs time : 1000 12hrs temperature : 125 2 c refer to standard electrical characteristics list performance electrical characteristics test saturation current (isat) heat rated current (irms) dcr inductance item hp4284a, ch11025, ch 3302, ch 1320, ch1320s ch16502, agilent33420a micro-ohm meter. lcr meter. test condition random vibration this cycle shall be performed 12 times in each of three mutually perpendicular directions. amplitude: parts mounted within 2" from any secure point frequency : 10-2000-10hz for 20 min. test (mil-prf-27) (aec-q200-rev c) temperature : 260 5 c, 20-40 seconds duration : 5 minutes preheat : 150 5 c reflow test electric specification should be satisfied solder test after dip into flux  dip into solder 235 5 c, 4 1seconds flux, solder for lead free (ansi/j-std-002c method b) terminals should be covered by over 95% solder on visual inspection. 2. temperature measured by digital surface thermometer 1. applied the allowed dc current(keep 1min). approximately ? t of 40c without core loss irms(a) will cause the coil temper ature rise isat(a) will cause lo to drop ? l20% typical (keep quickly). directions and times : x, y, z directions for 20 min. within <0.2 measured at room temperature after placing for 2 to 3hrs (aec-q200-rev c) (total 12hours). (mil-std-202 method 204 d test condition b) (ipc/jedec j-std-020c) low temperature measured at room temperature after placing for 2 to 3hrs time : 500 12hrs temperature : -40 2 c life test molded power choke coil PIC1036HU series hf halogen free
superworld electronics (s) pte ltd pg. 6 9. soldering and mounting : c) never contact the ceramic with the iron tip e) use a 20 watt soldering iron with tip diameter of 1.0mm d) 1.0mm tip diameter (max) f) limit soldering time to 4-5 secs. 9-2.2 soldering iron (figure 2) : in the event that a soldering iron must be em ployed the following precautions are recommended. products attachment with soldering iron is disc ouraged due to the inherent process control limitations. recommended temperature profiles for re-flow soldering in figure 1. mildly activated rosin fluxes are preferred. the minimu m amount of solder can lead to damage from the stresses caused by the difference in coefficients of expansion between solder, chip and substrate. our terminations are suitable for all wave and re-flow soldering systems. if hand soldering cannot be avoided, the preferred technique is the utilization of hot a) preheat circuit and products to 150 c. air soldering tools. 9-2.1 solder re-flow : note : b) 355 c tip temperature (max) 9-2. soldering 9-1. recommended pc board pattern 11.03.2011 temperature c over 1min. iron soldering times: 1 time max. gradual cooling within 4-5s 350 150 preheating soldering cooling natural reflow times: 3 times max. time(sec.) 60~150s 20~40s soldering temperature c 480s max. 60~180s 150 25 tp(260 c/40s max.) 217 200 preheating cooling natural note : specifications subject to change without notice. please check our website for latest information. 10.5 ref. 10.5 ref. 3.5 ref. 3.0 ref. molded power choke coil PIC1036HU series figure 2. iron soldering figure 1. re-flow soldering hf halogen free
superworld electronics (s) pte ltd pg. 7 10. packaging information : bo(mm) 15 0.1 10-3. packaging quantity PIC1036HU series ao(mm) 10.5 0.1 11.5 0.1 f(mm) p(mm) 16.0 0.1 ko(mm) 3.7 0.1 w(mm) 24.0 0.3 0.4 0.05 t(mm) 10-2 tape dimension 24.0 0.5 a(mm) 13" x 24mm type 100 2.0 b(mm) d d(mm) 13.5 0.5 330 c(mm) embossed carrier b a cover tape 10-1. reel dimension PIC1036HU 4000 1000 carton chip / reel inner box size 500 2.0 0.5 ?c 11.03.2011 note : specifications subject to change without notice. please check our website for latest information. molded power choke coil PIC1036HU series p2 po d 1 ao 5 ko 2 bo t p w f d 4.0 0.1 p0(mm) d(mm) 1.5 0.1 d1(mm) 1.5 0.1 2.0 0.1 p2(mm) hf halogen free
superworld electronics (s) pte ltd 10-4. tearing off force the force for tearing off cover tape is 10 to 130 grams in the arrow direction under the following conditions. a) products should be handled with care to avoid damage or contamination from perspiration and skin oils. 1. storage conditions : to maintain the solderabililty of terminal electrodes : a) temperature and humidity conditions : less than 30 c and 70% rh. b) recommended products should be used within 6 months from the time of delivery. c) the packaging material should be kept where no chlorine or sulfur exists in the air. b) the use of tweezers or vacuum pick up is strongly recommended for individual components. c) bulk handling should ensure that abrasion and mechanical shock are minimized. 2. transportation : application notice top cover tape f base tape 1 6 5 t o 1 8 0 room temp. ( c) 5~35 room humidity (%) 45~85 tearing speed (mm/min) 300 room atm (hpa) 860~1060 pg. 8 (referenced ansi/eia-481-c- 2003 of 4.11 st andard) 11.03.2011 note : specifications subject to change without notice. please check our website for latest information. molded power choke coil PIC1036HU series hf halogen free


▲Up To Search▲   

 
Price & Availability of PIC1036HU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X